Part Number Hot Search : 
APTGT5 0932115X GL5401 GBU404 2N4168 BAR5010 LHR3630 CY7C1020
Product Description
Full Text Search
 

To Download 2SA1567 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1567
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= -50V(Min) *DC Current Gain: hFE= 50(Min)@ (VCE= -1V,IC= -6A) *Low Saturation Voltage: VCE(sat)= -0.35V(Max)@ (IC= -6A, IB -0.6A)
B
APPLICATIONS *Designed for DC motor driver, chopper regulator and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature
VALUE -50 -50 -6 -12 -3 35 150 -55~150
UNIT V V V A A W
PC TJ Tstg
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SA1567
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA ; IB= 0
-50
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -6A; IB= -0.3A
B
-0.35
V A
ICBO
Collector Cutoff Current
VCB= -50V ; IE= 0
-100
IEBO
Emitter Cutoff Current
VEB= -6V; IC= 0
-100
A
hFE
DC Current Gain
IC= -6A ; VCE= -1V
50
COB
Output Capacitance
IE=0 ; VCB= -10V;ftest= 1.0MHz IE= 0.5A ; VCE= -12V
330
pF
fT
Current-Gain--Bandwidth Product
40
MHz
Switching Times s
ton
Turn-on Time IC= -6A ,RL= 4, IB1= -IB2= -0.12A,VCC= -24V
0.4
tstg
Storage Time
0.4
s
tf
Fall Time
0.2
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SA1567

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X